Part Number Hot Search : 
3040P LR340 PMB6258 D4302 18606131 FR206G XXXXX CMV2012
Product Description
Full Text Search
 

To Download 52808-1270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 02/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0528081270 Active
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, Non-ZIF Receptacle, 12 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-52808-004 (PDF) RoHS Certificate of Compliance (PDF) Series FFC/FPC Connectors 52808 N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 12 12 Natural N/A 10 N/A 94V-0 0.199 In 5.05 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth High Temperature Thermoplastic 1 Vertical No None Embossed Tape on Reel 0.039 In 1.00 mm 0.039 In 1.00 mm 40 1 40 1 No No Yes -20C to +80C Surface Mount FFC/FPC
Search Parts in this Series 52808Series
Electrical
Current - Maximum UL Voltage - Maximum 0.5A E29179 125V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification
Sales Drawing
PS-52808-004, RPS-52808-039, RPS-52808-044, RPS-52808-045, RPS-52808-047, RPS-52808-048, RPS-52808-049 SD-52808-027, SD-52808-028
This document was generated on 02/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52808-1270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X